Part Number Hot Search : 
LS6106 2310A UPA27 RS601M10 N2238 MV8813 HG50089 B250A
Product Description
Full Text Search
 

To Download 2N3497 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3498
Silicon NPN Transistor
D a ta S h e e t
Description Semicoa Semiconductors offers: * Screening and processing per MIL-PRF-19500 Appendix E * JAN level (2N3498J) * JANTX level (2N3498JX) * JANTXV level (2N3498JV) * QCI to the applicable level * 100% die visual inspection per MIL-STD-750 method 2072 for JANTXV * Radiation testing (total dose) upon request
Applications
* General purpose * Low power * NPN silicon transistor
Features
* * * * Hermetically sealed TO-39 metal can Also available in chip configuration Chip geometry 5620 Reference document: MIL-PRF-19500/366
Benefits
Please contact Semicoa for special configurations www.SEMICOA.com or (714) 979-1900 * Qualification Levels: JAN, JANTX, and JANTXV * Radiation testing available
TC = 25C unless otherwise specified
Absolute Maximum Ratings
Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Dissipation, TA = 25 C Derate linearly above 25OC Thermal Resistance Operating Junction Temperature Storage Temperature
O
Symbol VCEO VCBO VEBO IC PT
Rating 100 100 6 500 1 5.71 175 -65 to +200 -65 to +200
Unit Volts Volts Volts mA W mW/C C/W C C
RJA
TJ TSTG
Copyright(c) 2004 Rev. H.2
Semicoa
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 1 of 2
www.SEMICOA.com
2N3498
Silicon NPN Transistor
D a ta S h e e t
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25C
Off Characteristics
Parameter Collector-Emitter Breakdown Voltage Collector-Base Cutoff Current Collector-Emitter Cutoff Current Emitter-Base Cutoff Current Symbol V(BR)CEO ICBO1 ICBO2 ICBO3 ICEO IEBO1 IEBO2 Test Conditions IC = 10 mA VCB = 100 Volts VCB = 50 Volts VCB = 50 Volts, TA = 150C VCE = 80 Volts VEB = 6 Volts VEB = 4 Volts Min 100 10 50 50 1 10 25 Typ Max Units Volts A nA A A A nA
On Characteristics
Parameter Symbol hFE1 hFE2 hFE3 hFE4 hFE6 hFE7 VBEsat1 VBEsat3 VCEsat1 VCEsat3
Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%
DC Current Gain
Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
Test Conditions IC = 0.1 mA, VCE = 10 Volts IC = 1.0 mA, VCE = 10 Volts IC = 10 mA, VCE = 10 Volts IC = 150 mA, VCE = 10 Volts IC = 500 mA, VCE = 10 Volts IC = 150 mA, VCE = 10 Volts TA = -55C IC = 10 mA, IB = 1 mA IC = 300 mA, IB = 30 mA IC = 10 mA, IB = 1 mA IC = 300 mA, IB = 30 mA
Min 20 25 35 40 15 22
Typ
Max
Units
120
0.8 1.4 0.2 0.6
Volts Volts
Dynamic Characteristics
Parameter Magnitude - Common Emitter, Short Circuit Forward Current Transfer Ratio Small Signal Short Circuit Forward Current Transfer Ratio Open Circuit Output Capacitance Open Circuit Input Capacitance Symbol |hFE| hFE COBO CIBO NF1 Noise Figure NF2 Test Conditions VCE = 20 Volts, IC = 20 mA, f = 100 MHz VCE = 10 Volts, IC = 10 mA, f = 1 kHz VCB = 10 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz VEB = 0.5 Volts, IC = 0 mA, 100 kHZ < f < 1 MHz VCE = 10 Volts, IC = 0.5 mA, f = 1 kHz, Rg = 1 k VCE = 10 Volts, IC = 0.5 mA, f = 10 kHz, Rg = 1 k VEB = 5 Volts, IC = 150 mA, IB1 = 15 mA IC = 150 mA, IB1=IB2=15 mA Min 1.5 35 Typ Max 8 300 10 80 16 dB 6 pF pF Units
Switching Characteristics
Saturated Turn-On Time Saturated Turn-Off Time tON tOFF 115 1,150 ns ns
Copyright(c) 2004 Rev. H.2
Semicoa
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2
www.SEMICOA.com


▲Up To Search▲   

 
Price & Availability of 2N3497

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X